전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6756DTR 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 L6756DTR
상세설명  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756DTR 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button L6756DTR Datasheet HTML 19Page - STMicroelectronics L6756DTR Datasheet HTML 20Page - STMicroelectronics L6756DTR Datasheet HTML 21Page - STMicroelectronics L6756DTR Datasheet HTML 22Page - STMicroelectronics L6756DTR Datasheet HTML 23Page - STMicroelectronics L6756DTR Datasheet HTML 24Page - STMicroelectronics L6756DTR Datasheet HTML 25Page - STMicroelectronics L6756DTR Datasheet HTML 26Page - STMicroelectronics L6756DTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
L6756D
Output voltage positioning
23/36
5.5
Dynamic VID transitions
L6756D manages dynamic VID transitions that allow the output voltage to modify during
normal device operation for CPU power management purposes. OV and UV signals are
properly masked during every DVID Transition and they are re-activated with a 16 clock
cycle delay to prevent from false triggering.
When changing dynamically the regulated voltage (DVID), the system needs to charge or
discharge the output capacitor accordingly. This means that an extra-current IDVID needs to
be delivered (especially when increasing the output regulated voltage) and it must be con-
sidered when setting the over current threshold of both the sections. This current results:
where dVOUT / dTVID depends on the operative mode (typically externally driven).
Dynamic VID transition is managed by checking for VID code modifications (See Figure 8)
on the rising edge of an internal additional DVID-clock and waiting for a confirmation on the
following falling edge. Once the new code is stable, on the next rising edge, the reference
starts stepping up or down in LSB increments every two DVID-clock cycle until the new VID
code is reached.
DVID-clock frequency (FDVID) is 1 MHz (Typ).
Caution:
Overcoming the OC threshold during the DVID causes the device latch and disable.
Caution:
If the new VID code is more than 1 LSB different from the previous, the device will execute
the transition stepping the reference with the DVID-clock frequency FDVID until the new code
has reached. The output voltage rate of change will be of [LSB]mV * FDVID!
Figure 8.
DVID transitions
I
DVID
C
OUT
dV
OUT
dT
VID
------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com