| 전자부품 데이터시트 검색엔진 |
|
ST6200C 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6200C 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 100 page ![]() ST6200C/ST6201C/ST6203C 45/100 9.2 8-BIT TIMER 9.2.1 Introduction The 8-Bit Timer on-chip peripheral is a free run- ning downcounter based on an 8-bit downcounter with a 7-bit programmable prescaler, giving a max- imum count of 215. 9.2.2 Main Features s Time-out downcounting mode with up to 15-bit accuracy s Interrupt capability on counter underflow The timer can be used in WAIT mode to wake up the MCU. Figure 27. Timer Block Diagram INTERRUPT TMZ ETI TSCR5 TSCR4 PSI PS2 PS1 PS0 TSCR PROGRAMMABLE PRESCALER PSCR6 PSCR5 PSCR4 PSCR3 PSCR2 PSCR1 PSCR0 PSCR REGISTER 0 70 TCR7 TCR6 TCR5 TCR4 TCR3 TCR2 TCR1 TCR0 TCR 70 8-BIT DOWN COUNTER fPRESCALER fCOUNTER fINT/12 PSCR7 7 /2 /1 /4 /8 /16 /32 /64 /128 REGISTER REGISTER 1 |