| 전자부품 데이터시트 검색엔진 |
|
M24C02FMN6TP 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02FMN6TP 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 34 page ![]() Initial delivery state M24C16, M24C08, M24C04, M24C02, M24C01 18/34 4 Initial delivery state The device is delivered with all bits in the memory array set to 1 (each byte contains FFh). 5 Maximum rating Stressing the device outside the ratings listed in Table 5 may cause permanent damage to the device. These are stress ratings only, and operation of the device at these, or any other conditions outside those indicated in the Operating sections of this specification, is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 5. Absolute maximum ratings Symbol Parameter Min. Max. Unit TA Ambient operating temperature –40 130 °C TSTG Storage temperature –65 150 °C TLEAD Lead temperature during soldering see note (1) 1. Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU. °C PDIP-specific lead temperature during soldering 260(2) 2. TLEAD max must not be applied for more than 10s. °C VIO Input or output range –0.50 6.5 V VCC Supply voltage –0.50 6.5 V VESD Electrostatic discharge voltage (human body model)(3) 3. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1 = 100 pF, R1 = 1500 Ω, R2 = 500 Ω). –4000 4000 V |