| 전자부품 데이터시트 검색엔진 |
|
M24C02FMN6TP 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02FMN6TP 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 34 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 DC and AC parameters 19/34 6 DC and AC parameters This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristic tables that follow are derived from tests performed under the measurement conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parameters. Table 6. Operating conditions (M24Cxx-W) Symbol Parameter Min. Max. Unit VCC Supply voltage 2.5 5.5 V TA Ambient operating temperature (device grade 6) –40 85 °C Ambient operating temperature (device grade 3) –40 125 °C Table 7. Operating conditions (M24Cxx-R) Symbol Parameter Min. Max. Unit VCC Supply voltage 1.8 5.5 V TA Ambient operating temperature –40 85 °C Table 8. Operating conditions (M24Cxx-F) Symbol Parameter Min. Max. Unit VCC Supply voltage 1.7 5.5 V TA Ambient operating temperature –20 85 °C Table 9. DC characteristics (M24Cxx-W, device grade 6) Symbol Parameter Test condition (in addition to those in Table 6) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode ± 2 µA ILO Output leakage current VOUT = VSS or VCC, SDA in Hi-Z ± 2 µA ICC Supply current VCC = 5 V, fc = 400 kHz (rise/fall time < 50 ns) 2mA VCC = 2.5 V, fc = 400 kHz (rise/fall time < 50 ns) 1mA ICC1 Standby supply current VIN = VSS or VCC, for 2.5 V < VCC = < 5.5 V 1µA VIL Input low voltage (SDA, SCL, WC) –0.45 0.3VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+1 V VOL Output low voltage IOL = 2.1 mA when VCC = 2.5 V or IOL = 3 mA when VCC = 5.5 V 0.4 V |