전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S9S08QD2CSC 데이터시트(PDF) 36 Page - Freescale Semiconductor, Inc

부품명 S9S08QD2CSC
상세설명  8-Bit HCS08 Central Processor Unit (CPU)
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC 데이터시트(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 32Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 33Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 34Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 35Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 36Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 37Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 38Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 39Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 202 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 3
36
Freescale Semiconductor
High-page registers, shown in Table 4-3, are accessed much less often than other I/O and control registers
so they have been located outside the direct addressable memory space, starting at 0x1800.
0x0017
APCTL1
—
—
—
—
ADPC3
ADPC2
ADPC1
ADPC0
0x0018
Reserved
—
—
—
—
—
—
—
—
0x0019
Reserved
—
—
—
—
—
—
—
—
0x001A–
0x001F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x0020
TPM2SC
TOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
0x0021
TPM2CNTH
Bit 15
14
13
12
11
10
9
Bit 8
0x0022
TPM2CNTL
Bit 7
654321
Bit 0
0x0023
TPM2MODH
Bit 15
14
13
12
11
10
9
Bit 8
0x0024
TPM2MODL
Bit 7
654321
Bit 0
0x0025
TPM2C0SC
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
0
0
0x0026
TPM2C0VH
Bit 15
14
13
12
11
10
9
Bit 8
0x0027
TPM2C0VL
Bit 7
654321
Bit 0
0x0028–
0x0037
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x0038
ICSC1
0CLKS
0
0
0
1
1IREFSTEN
0x0039
ICSC2
BDIV
0
0LP
0
0
0
0x003A
ICSTRM
TRIM
0x003B
ICSSC
0
0
0
0
0CLKST
0FTRIM
0x003C
Reserved
—
—
—
—
—
—
—
—
0x0040
TPMSC
TOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
0x0041
TPMCNTH
Bit 15
14
13
12
11
10
9
Bit 8
0x0042
TPMCNTL
Bit 7
654321
Bit 0
0x0043
TPMMODH
Bit 15
14
13
12
11
10
9
Bit 8
0x0044
TPMMODL
Bit 7
654321
Bit 0
0x0045
TPMC0SC
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
0
0
0x0046
TPMC0VH
Bit 15
14
13
12
11
10
9
Bit 8
0x0047
TPMC0VL
Bit 7
654321
Bit 0
0x0048
TPMC1SC
CH1F
CH1IE
MS1B
MS1A
ELS1B
ELS1A
0
0
0x0049
TPMC1VH
Bit 15
14
13
12
11
10
9
Bit 8
0x004A
TPMC1VL
Bit 7
654321
Bit 0
0x004B–
0x005F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Table 4-2. Direct-Page Register Summary (continued)
Address
Register Name
Bit 7
654321
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More