전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S9S08QD2CSC 데이터시트(PDF) 90 Page - Freescale Semiconductor, Inc

부품명 S9S08QD2CSC
상세설명  8-Bit HCS08 Central Processor Unit (CPU)
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC 데이터시트(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 86Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 87Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 88Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 89Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 90Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 91Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 92Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 93Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 202 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 3
90
Freescale Semiconductor
RSP
Reset Stack Pointer (Low Byte)
SPL
← $FF
(High Byte Not Affected)
INH
9C
1
p
– – – – – –
RTI
Return from Interrupt
SP
← (SP) + $0001; Pull (CCR)
SP
← (SP) + $0001; Pull (A)
SP
← (SP) + $0001; Pull (X)
SP
← (SP) + $0001; Pull (PCH)
SP
← (SP) + $0001; Pull (PCL)
INH
80
9
uuuuufppp
RTS
Return from Subroutine
SP
← SP + $0001; Pull (PCH)
SP
← SP + $0001; Pull (PCL)
INH
81
5
ufppp
– – – – – –
SBC #opr8i
SBC opr8a
SBC opr16a
SBC oprx16,X
SBC oprx8,X
SBC ,X
SBC oprx16,SP
SBC oprx8,SP
Subtract with Carry
A
← (A) – (M) – (C)
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A2
B2
C2
D2
E2
F2
9E D2
9E E2
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
pp
rpp
prpp
prpp
rpp
rfp
pprpp
prpp
––
SEC
Set Carry Bit
(C
← 1)
INH
99
1
p
– – – – – 1
SEI
Set Interrupt Mask Bit
(I
← 1)
INH
9B
1
p
– – 1 – – –
STA opr8a
STA opr16a
STA oprx16,X
STA oprx8,X
STA ,X
STA oprx16,SP
STA oprx8,SP
Store Accumulator in Memory
M
← (A)
DIR
EXT
IX2
IX1
IX
SP2
SP1
B7
C7
D7
E7
F7
9E D7
9E E7
dd
hh ll
ee ff
ff
ee ff
ff
3
4
4
3
2
5
4
wpp
pwpp
pwpp
wpp
wp
ppwpp
pwpp
0 – –
–
STHX opr8a
STHX opr16a
STHX oprx8,SP
Store H:X (Index Reg.)
(M:M + $0001)
← (H:X)
DIR
EXT
SP1
35
96
9E FF
dd
hh ll
ff
4
5
5
wwpp
pwwpp
pwwpp
0 – –
–
STOP
Enable Interrupts: Stop Processing
Refer to MCU Documentation
I bit
← 0; Stop Processing
INH
8E
2
fp...
– – 0 – – –
STX opr8a
STX opr16a
STX oprx16,X
STX oprx8,X
STX ,X
STX oprx16,SP
STX oprx8,SP
Store X (Low 8 Bits of Index Register)
in Memory
M
← (X)
DIR
EXT
IX2
IX1
IX
SP2
SP1
BF
CF
DF
EF
FF
9E DF
9E EF
dd
hh ll
ee ff
ff
ee ff
ff
3
4
4
3
2
5
4
wpp
pwpp
pwpp
wpp
wp
ppwpp
pwpp
0 – –
–
Table 7-2. Instruction Set Summary (Sheet 7 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More