전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU900TP 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 BU900TP
상세설명  NPN power TRILINTON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU900TP 데이터시트(HTML) 6 Page - STMicroelectronics

  BU900TP Datasheet HTML 1Page - STMicroelectronics BU900TP Datasheet HTML 2Page - STMicroelectronics BU900TP Datasheet HTML 3Page - STMicroelectronics BU900TP Datasheet HTML 4Page - STMicroelectronics BU900TP Datasheet HTML 5Page - STMicroelectronics BU900TP Datasheet HTML 6Page - STMicroelectronics BU900TP Datasheet HTML 7Page - STMicroelectronics BU900TP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
BU900TP
6/8
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.85
3.05
1.122
1.200
A1
1.47
1.67
0.578
0.657
b
0.40
0.60
0.157
0.236
b1
1.4
1.6
0.551
0.630
b2
1.3
1.5
0.511
0.590
c
0.45
0.6
0.177
0.236
D
10.5
10.9
4.133
4.291
e
2.2
2.8
0.866
1.102
E
7.45
7.75
2.933
3.051
L
15.5
15.9
6.102
6.260
L1
1.95
2.35
0.767
0.925
P032R
SOT-82FM MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8