전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2STW1695 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 2STW1695
상세설명  High power PNP epitaxial planar bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STW1695 데이터시트(HTML) 7 Page - STMicroelectronics

  2STW1695 Datasheet HTML 1Page - STMicroelectronics 2STW1695 Datasheet HTML 2Page - STMicroelectronics 2STW1695 Datasheet HTML 3Page - STMicroelectronics 2STW1695 Datasheet HTML 4Page - STMicroelectronics 2STW1695 Datasheet HTML 5Page - STMicroelectronics 2STW1695 Datasheet HTML 6Page - STMicroelectronics 2STW1695 Datasheet HTML 7Page - STMicroelectronics 2STW1695 Datasheet HTML 8Page - STMicroelectronics 2STW1695 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2STW1695
Package mechanical data
7/9
Dim.
mm.
Min.
Typ
Max.
A4.855.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c0.40
0.80
D19.85
20.15
E
15.45
15.75
e5.45
L
14.20
14.80
L1
3.70
4.30
L2
18.50
øP
3.55
3.65
øR
4.50
5.50
S
5.50
TO-247 Mechanical data



Html Pages

1 2 3 4 5 6 7 8 9