| 전자부품 데이터시트 검색엔진 |
|
M24C01FDW6TG 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01FDW6TG 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 34 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Signal description 9/34 2.4 Supply voltage (VCC) 2.4.1 Operating supply voltage VCC Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the specified [VCC(min), VCC(max)] range must be applied (see Table 6, Table 7 and Table 8). In order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package pins. This voltage must remain stable and valid until the end of the transmission of the instruction and, for a Write instruction, until the completion of the internal write cycle (tW). 2.4.2 Power-up conditions When the power supply is turned on, VCC rises from VSS to VCC; the VCC rise time must not vary faster than 1 V/µs. 2.4.3 Device reset In order to prevent inadvertent write operations during power-up, a power on reset (POR) circuit is included. At power-up (continuous rise of VCC), the device does not respond to any instruction until VCC has reached the power on reset threshold voltage (this threshold is lower than the minimum VCC operating voltage defined in Table 6, Table 7 and Table 8). When VCC passes the POR threshold, the device is reset and in the Standby Power mode. In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops below the power on reset threshold voltage, the device stops responding to any instruction sent to it. 2.4.4 Power-down conditions During power-down (where VCC decreases continuously), the device must be in the Standby Power mode (mode reached after decoding a Stop condition, assuming that there is no internal write cycle in progress). Figure 4. Maximum RP value versus bus parasitic capacitance (C) for an I²C bus AI01665b VCC C SDA RP MASTER RP SCL C 100 0 4 8 12 16 20 C (pF) 10 1000 fc = 400kHz fc = 100kHz |