| 전자부품 데이터시트 검색엔진 |
|
M24C01FDW6TG 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01FDW6TG 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 34 page ![]() September 2007 Rev 10 1/34 1 M24C16, M24C08 M24C04, M24C02, M24C01 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM Features ■ Two-wire I²C serial interface Supports 400 kHz protocol ■ Single supply voltage: – 2.5 V to 5.5 V for M24Cxx-W – 1.8 V to 5.5 V for M24Cxx-R – 1.7 V to 5.5 V for M24Cxx-F ■ Write Control input ■ Byte and Page Write (up to 16 bytes) ■ Random and Sequential Read modes ■ Self-timed programming cycle ■ Automatic address incrementing ■ Enhanced ESD/latch-up protection ■ More than 1 million write cycles ■ More than 40-year data retention ■ Packages – ECOPACK® (RoHS compliant) Table 1. Device summary Reference Part number M24C16 M24C16-W M24C16-R M24C16-F M24C08 M24C08-W M24C08-R M24C08-F M24C04 M24C04-W M24C04-R M24C04-F M24C02 M24C02-W M24C02-R M24C01 M24C01-W M24C01-R PDIP8 (BN) SO8 (MN) 150 mils width TSSOP8 (DW) 169 mils width TSSOP8 (DS) 3 x 3 mm body size UFDFPN8 (MB) 2 x 3 mm (MLP) www.st.com |
유사한 부품 번호 - M24C01FDW6TG |
|
유사한 설명 - M24C01FDW6TG |