| 전자부품 데이터시트 검색엔진 |
|
38D2 데이터시트(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38D2 데이터시트(HTML) 70 Page - Renesas Technology Corp |
|
70 / 136 page ![]() Rev.3.02 Apr 10, 2008 Page 70 of 131 REJ03B0177-0302 38D2 Group Fig. 69 When using programmer of Suisei Electronics System Co., LTD, connection example (2) (OSCSEL = “H”) 38D2 Group T_VDD T_VPP T_RXD T_SCLK T_PGM/OE/MD T_RESET GND RESET circuit Set the same termination as the single-chip mode. Vcc OSCSEL P32 (ESDA) P31 (ESCLK) P30 (ESPGMB) RESET Vss AVss XIN XOUT *1 Jumper switch 4.7k Ω *1 : When programming QzROM is performed, disconnect Vcc from OSCSEL by a jumper switch. Note: For the programming circuit, the wiring capacity of each signal pin must not exceed 47 pF. T_TXD T_BUSY N.C. 4.7k Ω QzROM version |