전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F64112DFB 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 R5F64112DFB
상세설명  RENESAS MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB 데이터시트(HTML) 4 Page - Renesas Technology Corp

  R5F64112DFB Datasheet HTML 1Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 2Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 3Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 4Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 5Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 6Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 7Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 8Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
R01DS0062EJ0130 Rev.1.30
Page 4 of 93
Mar 3, 2014
R32C/111 Group
1. Overview
Note:
1.
Contact a Renesas Electronics sales office to use the optional features.
Table 1.3
Performance Overview for the 64-pin Package (1/2)
Unit
Function
Explanation
CPU
Central
processing unit
R32C/100 Series CPU Core
• Basic instructions: 108
• Minimum instruction execution time: 20 ns (f(CPU) = 50 MHz)
• Multiplier: 32-bit × 32-bit  64-bit
• Multiply-accumulate unit: 32-bit × 32-bit + 64-bit  64-bit
• IEEE-754 compatible FPU: Single precision
• 32-bit barrel shifter
• Operating mode: Single-chip mode
Memory
Flash memory: 128/256 Kbytes
RAM: 32 Kbytes
Data flash: 4 Kbytes × 2 blocks
Refer to Table 1.5 for memory size of each product group
Voltage
Detector
Low voltage
detector
Optional (1)
Low voltage detection interrupt
Clock
Clock generator
• 4 circuits (main clock, sub clock, PLL, on-chip oscillator)
• Oscillation stop detector: Main clock oscillator stop/restart detection
• Frequency divide circuit: Divide-by-2 to divide-by-24 selectable
• Low power modes: Wait mode, stop mode
Interrupts
Interrupt vectors: 261
External interrupt inputs:
NMI, INT × 6, key input × 4
Interrupt priority levels: 7
Watchdog Timer
15 bits × 1 (selectable input frequency from prescaler output)
DMA
DMAC
4 channels
• Cycle-steal transfer mode
• Request sources: 45
• 2 transfer modes: Single transfer, repeat transfer
DMAC II
• Triggered by an interrupt request of any peripheral
• 3 characteristic transfer functions: Immediate data transfer,
calculation result transfer, chain transfer
I/O Ports
Programmable
I/O ports
• 1 input-only port
• 49 CMOS I/O ports
• 2 N-channel open drain ports
• A pull-up resistor is selectable for every 4 input ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com