전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F64112DFB 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 R5F64112DFB
상세설명  RENESAS MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 3Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 4Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 5Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 6Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 7Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 8Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 9Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 10Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
R01DS0062EJ0130 Rev.1.30
Page 7 of 93
Mar 3, 2014
R32C/111 Group
1. Overview
Figure 1.1
Part Numbering
Part Number
R5 F 64 11 6 N XXX FB
Package Code
FB : PLQP0100KB-A
FN : PLQP0064KB-A
LG : PTLG0100KA-A
ROM Number
Omitted in the flash memory version
Memory Type
F : Flash memory version
R32C/111 Group
R32C/100 Series
ROM/RAM Capacity
0 : 256 KB/63 KB
1 : 384 KB/63 KB
2 : 512 KB/63 KB
4 : 256 KB/40 KB
5 : 384 KB/40 KB
6 : 512 KB/40 KB
E : 128 KB/32 KB
F : 256 KB/32 KB
Temperature Code
N : -20°C to 85°C
D : -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com