전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7480 데이터시트(PDF) 55 Page - Renesas Technology Corp

부품명 7480
상세설명  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 데이터시트(HTML) 55 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 51Page - Renesas Technology Corp 7480 Datasheet HTML 52Page - Renesas Technology Corp 7480 Datasheet HTML 53Page - Renesas Technology Corp 7480 Datasheet HTML 54Page - Renesas Technology Corp 7480 Datasheet HTML 55Page - Renesas Technology Corp 7480 Datasheet HTML 56Page - Renesas Technology Corp 7480 Datasheet HTML 57Page - Renesas Technology Corp 7480 Datasheet HTML 58Page - Renesas Technology Corp 7480 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
54
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
M37480M4/M8/E8-XXXSP/FP, M37480M2T/M4T/M8T/E8T-XXXSP/FP
ELECTRICAL CHARACTERISTICS (7480 Group)
(VCC = 2.7 to 5.5 V, V SS = 0 V, Ta = –20 to 85 °C (Note 1) unless otherwise specified)
Notes 1 : –40 to 85 °C for extended operating temperature range version.
2 : At using P0 for key-on wake-up function.
3 : Can be indicated in resistance value as shown below:
When VCC = 5 V: 5 k
Ω (min.), 10 kΩ (typ.), 20 kΩ (max.).
When VCC = 3 V: 8.6 k
Ω (min.), 16.7 kΩ (typ.), 37.5 kΩ (max.).
Max.
Standard values
Symbol
Parameter
Min.
Typ.
Unit
Table 10. Electrical characteristics
VOH
VOL
VT+ – VT–
VT+ –VT–
VT+ –VT–
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
2
1
5
3
5
3
5
3
5
3
–5
–3
–1.0
–0.35
–5
–3
–5
–3
–5
–3
0.5
0.3
0.5
0.3
0.5
0.3
–0.5
–0.18
“H” output voltage
P00 – P07, P10 – P17
“L” output voltage
P00 – P07, P10 – P17, P40 – P41
Hysteresis P00 – P07,
P30 – P33, P40 – P41 (Note 2)
Hysteresis P16/SCLK, P14/RXD
_____
Hysteresis RESET
“H” input current
P00 – P07, P10 – P17
“H” input current
P30 – P33, P40 – P41
“H” input current P20 – P23
_____
“H” input current RESET, XIN
“L” input current
P00 – P07, P10 – P17
“L” input current
P30 – P33, P40 – P41
“L” input current P20 – P23
_____
“L” input current RESET, XIN
V
V
V
V
V
µA
µA
µA
µA
µA
mA
µA
µA
µA
Test conditions
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
3
2
–0.25
–0.08
VCC = 5 V, IOH = –5 mA
VCC = 3 V, IOH = –1.5 mA
VCC = 5 V, IOL = 10 mA
VCC = 3 V, IOL = 3 mA
VCC = 5 V
VCC = 3 V
When used as SCLK, RxD
input
VCC = 5 V
VCC = 3 V
VI = VCC without pull-up
transistor
VI = VCC = 5 V
VI = VCC = 3 V
VI = VCC when analog
input is not selected
VI = VCC
(XIN at stop)
VI = 0 V without pull-up
transistor
VI = 0 V with pull-up
transistor (Note 3)
VI = 0 V
VI = 0 V when analog input
is not selected
VI = 0 V
(XIN at stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com