전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV6400D 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STV6400D
상세설명  DOUBLE SCART INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6400D 데이터시트(HTML) 8 Page - STMicroelectronics

  STV6400D Datasheet HTML 1Page - STMicroelectronics STV6400D Datasheet HTML 2Page - STMicroelectronics STV6400D Datasheet HTML 3Page - STMicroelectronics STV6400D Datasheet HTML 4Page - STMicroelectronics STV6400D Datasheet HTML 5Page - STMicroelectronics STV6400D Datasheet HTML 6Page - STMicroelectronics STV6400D Datasheet HTML 7Page - STMicroelectronics STV6400D Datasheet HTML 8Page - STMicroelectronics STV6400D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACKAGE MECHANICAL DATA
20 PINS - PLASTIC DIP20 (0.25)
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
STV6400
8/9



Html Pages

1 2 3 4 5 6 7 8 9