전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV6400D 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STV6400D
상세설명  DOUBLE SCART INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6400D 데이터시트(HTML) 6 Page - STMicroelectronics

  STV6400D Datasheet HTML 1Page - STMicroelectronics STV6400D Datasheet HTML 2Page - STMicroelectronics STV6400D Datasheet HTML 3Page - STMicroelectronics STV6400D Datasheet HTML 4Page - STMicroelectronics STV6400D Datasheet HTML 5Page - STMicroelectronics STV6400D Datasheet HTML 6Page - STMicroelectronics STV6400D Datasheet HTML 7Page - STMicroelectronics STV6400D Datasheet HTML 8Page - STMicroelectronics STV6400D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pins 4-6
8-10-1 2
Pins 4-6-8-10-12 Video Input
Pins 5
7-13
Pins 5-7-13 Digital Buffer Output
Pins
9-11
SDA
onl y
ESD
PROT
Pins 9 - 11 Bus Inputs
CIRCUIT
ESD
PROT
3
14
VCC
GROUND
Pins 3-14 Supply Voltage
Pins 18
19-20
1pF
5.4k
Ω
Pins 2
15-16
Pins 2-15-16-18-19-20 Video Outputs and PVCC
INPUT/OUTPUT PIN CONFIGURATION
STV6400
6/9



Html Pages

1 2 3 4 5 6 7 8 9