| 전자부품 데이터시트 검색엔진 |
|
M37207MF 데이터시트(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37207MF 데이터시트(HTML) 74 Page - Renesas Technology Corp |
|
74 / 122 page ![]() MITSUBISHI MICROCOMPUTERS M37207MF-XXXSP/FP, M37207M8-XXXSP M37207EFSP/FP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER 73 Fig. 70. Interrupt Interval Determination Control Register INT1 or INT2 input Count interval Fig. 71. Measuring Interval b7 b6 b5 b4 b3 b2 b1 b0 interrupt interval determination control register (RE) [Address 00D8 16] B Name Functions After reset R W Interrupt Interval Determination Control Register 0 Interrupt interval determination circuit operation control bit (RE0) 0 : Stopped 1 : Operating 0 1 Reference clock selection bit (RE1) 0 : 16 µs 1 : 32 µs (at f(XIN) = 8 MHz) 0 2 External interrupt input pin selection bit (RE2) 0 : INT1 input 1 : INT2 input 0 3 INT1 pin input polarity switch bit (RE3) 0 : Positive polarity input 1 : Negative polarity input 0 4 INT2 pin input polarity switch bit (RE4) 0 : Positive polarity input 1 : Negative polarity input 0 5 to 7 0 RW RW RW RW RW R— Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” |