| 전자부품 데이터시트 검색엔진 |
|
M37207MF 데이터시트(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37207MF 데이터시트(HTML) 24 Page - Renesas Technology Corp |
|
24 / 122 page ![]() MITSUBISHI MICROCOMPUTERS M37207MF-XXXSP/FP, M37207M8-XXXSP M37207EFSP/FP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER 23 Fig. 16. Timer Mode Register 3 b7 b6 b5 b4 b3 b2 b1 b0 Timer mode register 3 (TMR3) [Address 020B16] B After reset RW Timer Mode Register 3 0 Name Functions Timer 5 count source selection bit 3 (TMR30) 0R W 0R — 0 : f(XIN)/16 or f(XCIN)/16 (See note) 1 : f(XCIN) Note: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU mode register. 1 to 7 Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” |