| 전자부품 데이터시트 검색엔진 |
|
M16C/29 데이터시트(PDF) 471 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 데이터시트(HTML) 471 Page - Renesas Technology Corp |
|
471 / 499 page ![]() p u o r G 9 2 / C 6 1 M 22. Usage Notes page 447 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 22.14 Mask ROM Version 22.14.1 Internal ROM Area In the masked ROM version, do not write to internal ROM area. Writing to the area may increase power consumption. 22.14.2 Reserved Bit The b3 to b0 in addresses 0FFFFF16 are reserved bits. Set these bits to 11112. |