| 전자부품 데이터시트 검색엔진 |
|
M32C/8B 데이터시트(PDF) 322 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B 데이터시트(HTML) 322 Page - Renesas Technology Corp |
|
322 / 406 page ![]() Under development M32C/8B Group 23. Flash Memory Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 305 of 385 23.3.3 ID Code Check Function The ID code check function is used in standard serial I/O mode. The ID code sent from the serial programmer and the ID code written in the user ROM area of the flash memory are checked to see if they match. If these ID codes do not match, the commands sent from the serial programmer are not accepted. However, if the four bytes of the reset vector are set to FFFFFFFFh(1), the ID codes are not checked and all commands can be accepted. The ID code is 7-byte data stored consecutively, beginning with the first byte, into addresses 0FFFFDFh, 0FFFFE3h, 0FFFFEBh, 0FFFFEFh, 0FFFFF3h, 0FFFFF7h, and 0FFFFFBh. To use the ID code check function, write the program which specifies the ID code to these addresses. NOTE: 1. FFFFFFFFh is the factory default setting. Figure 23.5 Addresses for Stored ID Codes Reset Vector NMI Vector Watchdog Timer Vector Address Match Vector BRK Instruction Vector Overflow Vector Undefined Instruction Vector ID7 ID6 ID5 ID4 ID3 ID2 ID1 FFFFFFh to FFFFFCh FFFFFBh to FFFFF8h FFFFF7h to FFFFF4h FFFFF3h to FFFFF0h FFFFEFh to FFFFECh FFFFEBh to FFFFE8h FFFFE7h to FFFFE4h FFFFE3h to FFFFE0h FFFFDFh to FFFFDCh 4 bytes Address |