| 전자부품 데이터시트 검색엔진 |
|
H8S2245 데이터시트(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 데이터시트(HTML) 140 Page - Renesas Technology Corp |
|
140 / 818 page ![]() Section 4 Exception Handling Rev.3.00 Mar. 26, 2007 Page 98 of 772 REJ09B0355-0300 Address bus Vector fetch Internal processing Fetch of first program instruction (1) (3) Reset exception handling vector address ((1) = H'000000, (3) = H'000002) (2) (4) Start address (contents of reset exception handling vector address) (5) Start address ((5) = (2) (4)) (6) First program instruction φ RES (1) (5) High (2) (4) (3) (6) RD HWR, LWR D15 to D0 * Note: * 3 program wait states are inserted. ** Figure 4.3 Reset Sequence (Mode 4) 4.2.4 Interrupts after Reset If an interrupt is accepted after a reset but before the stack pointer (SP) is initialized, the PC and CCR will not be saved correctly, leading to a program crash. To prevent this, all interrupt requests, including NMI, are disabled immediately after a reset. Since the first instruction of a program is always executed immediately after the reset state ends, make sure that this instruction initializes the stack pointer (example: MOV.L #xx: 32, SP). 4.2.5 State of On-Chip Supporting Modules after Reset Release After reset release, MSTPCR is initialized to H'3FFF and all modules except the DTC enter module stop mode. Consequently, on-chip supporting module registers cannot be read or written to. Register reading and writing is enabled when module stop mode is exited. |