| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663 데이터시트(PDF) 543 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 데이터시트(HTML) 543 Page - Renesas Technology Corp |
|
543 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 491 of 1102 REJ09B0294-0100 9.3.7 Port Function Control Register 9 (PFCR9) PFCR9 selects the multiple functions for the TPU I/O pins. Bit Bit Name Initial Value R/W 7 TPUMS5 0 R/W 6 TPUMS4 0 R/W 5 TPUMS3A 0 R/W 4 TPUMS3B 0 R/W 3 TPUMS2 0 R/W 2 TPUMS1 0 R/W 1 TPUMS0A 0 R/W 0 TPUMS0B 0 R/W Bit Bit Name Initial Value R/W Description 7 TPUMS5 0 R/W TPU I/O Pin Multiplex Function Select Selects TIOCA5 function 0: Specifies pin P26 as output compare output and input capture 1: Specifies P27 as input capture input and P26 as output compare 6 TPUMS4 0 R/W TPU I/O Pin Multiplex Function Select Selects TIOCA4 function 0: Specifies P25 as output compare output and input capture 1: Specifies P24 as input capture input and P25 as output compare 5 TPUMS3A 0 R/W TPU I/O Pin Multiplex Function Select Selects TIOCA3 function 0: Specifies P21 as output compare output and input capture 1: Specifies P20 as input capture input and P21 as output compare 4 TPUMS3B 0 R/W TPU I/O Pin Multiplex Function Select Selects TIOCC3 function 0: Specifies P22 as output compare output and input capture 1: Specifies P23 as input capture input and P22 as output compare |