| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663R 데이터시트(PDF) 789 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R 데이터시트(HTML) 789 Page - Renesas Technology Corp |
|
789 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 757 of 1468 REJ09B0412-0200 Channel Name Interrupt Source Interrupt Flag DTC Activation DMAC Activation TGI3A TGRA_3 input capture/compare match TGFA_3 Possible Possible TGI3B TGRB_3 input capture/compare match TGFB_3 Possible Not possible TGI3C TGRC_3 input capture/compare match TGFC_3 Possible Not possible TGI3D TGRD_3 input capture/compare match TGFD_3 Possible Not possible 3 TCI3V TCNT_3 overflow TCFV_3 Not possible Not possible TGI4A TGRA_4 input capture/compare match TGFA_4 Possible Possible TGI4B TGRB_4 input capture/compare match TGFB_4 Possible Not possible TCI4V TCNT_4 overflow TCFV_4 Not possible Not possible 4 TCI4U TCNT_4 underflow TCFU_4 Not possible Not possible TGI5A TGRA_5 input capture/compare match TGFA_5 Possible Possible TGI5B TGRB_5 input capture/compare match TGFB_5 Possible Not possible TCI5V TCNT_5 overflow TCFV_5 Not possible Not possible 5 TCI5U TCNT_5 underflow TCFU_5 Not possible Not possible Note: This table shows the initial state immediately after a reset. The relative channel priority levels can be changed by the interrupt controller. (1) Input Capture/Compare Match Interrupt An interrupt is requested if the TGIE bit in TIER is set to 1 when the TGF flag in TSR is set to 1 by the occurrence of a TGR input capture/compare match on a channel. The interrupt request is cleared by clearing the TGF flag to 0. The TPU has 16 input capture/compare match interrupts, four each for channels 0 and 3, and two each for channels 1, 2, 4, and 5. (2) Overflow Interrupt An interrupt is requested if the TCIEV bit in TIER is set to 1 when the TCFV flag in TSR is set to 1 by the occurrence of a TCNT overflow on a channel. The interrupt request is cleared by clearing the TCFV flag to 0. The TPU has six overflow interrupts, one for each channel. (3) Underflow Interrupt An interrupt is requested if the TCIEU bit in TIER is set to 1 when the TCFU flag in TSR is set to 1 by the occurrence of a TCNT underflow on a channel. The interrupt request is cleared by clearing the TCFU flag to 0. The TPU has four underflow interrupts, one each for channels 1, 2, 4, and 5. |