| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663R 데이터시트(PDF) 1310 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R 데이터시트(HTML) 1310 Page - Renesas Technology Corp |
|
1310 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1278 of 1468 REJ09B0412-0200 Clear a reset by RES Set oscillation setting time No Yes Select deep software standby mode Set pin state in deep software standby mode and after exit from deep software standby mode Set deep software standby mode clearing interrupt An interrupt is generated by exit from deep software standby mode. Identify deep software standby mode clearing source (1) Set pin state after clearing IOKEEP to 0 Releases pin states that were retained during deep software standby mode Start B φ output Reset exception handling Read DPSIFR Set PnDDR,PnDR Set SCKCR.PSTOP1 to 1 Set DPSBYCR.IOKEEP to 0 Set SCKCR.PSTOP1 to 0 Execute a program corresponding to the clearing source that was identified in (1) Program start Set DPSWCR.WTSTS5-0 Set SBYCR.SSBY to 1 DPSBYCR.DPSBY to 1 DPSBYCR.RAMCUT2-0 Set PnDDR,PnDR Set SBYCR.OPE Set DPSBYCR.IOKEEP to 1 Set DPSIEGR Set DPSIER Clear DPSIFR Execute SLEEP instruction Deep software standby mode RSTSR. DPSRSTF = 0 Figure 28.7 Flowchart of Deep Software Standby Mode Operation |