| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663M 데이터시트(PDF) 1277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M 데이터시트(HTML) 1277 Page - Renesas Technology Corp |
|
1277 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1245 of 1468 REJ09B0412-0200 28.2.3 Module Stop Control Register C (MSTPCRC) When bits MSTPC7 to MSTPC0 are set to 1, the corresponding on-chip RAM stops. Do not set the corresponding MSTPC7 to MSTPC0 bits to 1 while accessing the on-chip RAM. Do not access the on-chip RAM while bits MSTPC7 to MSTPC0 are set to 1. The serial communications interfaces, 8-bit timers, Universal Serial Bus interface (USB), CRC calculator, 10-bit A/D converter, and programmable pulse generator (PPG: PO31 to PO16) are placed in the module stop state by using the MSTPC15 and MSTPC14, MSTPC13 and MSTPC12, MSTPC11, MSTPC10, MSTPC9, and MSTPC8 bits, respectively. Bit Bit name Initial value: R/W: Bit Bit name Initial value: R/W: 15 MSTPC15 1 R/W 14 MSTPC14 1 R/W 13 MSTPC13 1 R/W 12 MSTPC12 1 R/W 11 MSTPC11 1 R/W 10 MSTPC10 1 R/W 9 MSTPC9 1 R/W 8 MSTPC8 1 R/W 7 MSTPC7 0 R/W 6 MSTPC6 0 R/W 5 MSTPC5 0 R/W 4 MSTPC4 0 R/W 3 MSTPC3 0 R/W 2 MSTPC2 0 R/W 1 MSTPC1 0 R/W 0 MSTPC0 0 R/W Bit Bit Name Initial Value R/W Module 15 MSTPC15 1 R/W Serial communications interface_5 (SCI_5), (IrDA) 14 MSTPC14 1 R/W Serial communications interface_6 (SCI_6) 13 MSTPC13 1 R/W 8-bit timer (TMR_4, TMR_5) 12 MSTPC12 1 R/W 8-bit timer (TMR_6, TMR_7) 11 MSTPC11 1 R/W Universal Serial Bus interface (USB) 10 MSTPC10 1 R/W Cyclic redundancy check calculator 9 MSTPC9 1 R/W A/D converter (unit 1) 8 MSTPC8 1 R/W Programmable pulse generator (PPG_1: PO31 to PO16) |