| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663M 데이터시트(PDF) 298 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M 데이터시트(HTML) 298 Page - Renesas Technology Corp |
|
298 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 266 of 1468 REJ09B0412-0200 9.8.3 I/O Pins Used for Burst ROM Interface Table 9.17 shows the pins used for the burst ROM interface. Table 9.17 I/O Pins Used for Burst ROM Interface Name Symbol I/O Function Bus cycle start BS Output Signal indicating that the bus cycle has started. Address strobe AS Output Strobe signal indicating that an address output on the address bus is valid during access Read strobe RD Output Strobe signal indicating the read access Read/write RD/ WR Output Signal indicating the data bus input or output direction Low-high write LHWR Output Strobe signal indicating that the upper byte (D15 to D8) is valid during write access Low-low write LLWR Output Strobe signal indicating that the lower byte (D7 to D0) is valid during write access Chip select 0 and 1 CS0, CS1 Output Strobe signal indicating that the area is selected Wait WAIT Input Wait request signal used when an external address space is accessed |