| 전자부품 데이터시트 검색엔진 |
|
H83067RF 데이터시트(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H83067RF 데이터시트(HTML) 39 Page - Renesas Technology Corp |
|
39 / 963 page ![]() Section 1 Overview Rev. 4.00 Jan 26, 2006 page 17 of 938 REJ09B0276-0400 Pin No. Pin name PRQP 0100KA-A PTQP 0100KA-A PRQP 0100JE-B Mode 1 Mode 2 Mode 3 Mode 4 Mode 5 Mode 6 Mode 7 17 19 P9 5/IRQ5/ SCK 1 P9 5/IRQ5/ SCK 1 P9 5/IRQ5/ SCK 1 P9 5/IRQ5/ SCK 1 P9 5/IRQ5/ SCK 1 P9 5/IRQ5/ SCK 1 P9 5/IRQ5/ SCK 1 18 20 P4 0/D0 *1 P4 0/D0 *2 P4 0/D0 *1 P4 0/D0 *2 P4 0/D0 *1 P4 0 P4 0 19 21 P4 1/D1 *1 P4 1/D1 *2 P4 1/D1 *1 P4 1/D1 *2 P4 1/D1 *1 P4 1 P4 1 20 22 P4 2/D2 *1 P4 2/D2 *2 P4 2/D2 *1 P4 2/D2 *2 P4 2/D2 *1 P4 2 P4 2 21 23 P4 3/D3 *1 P4 3/D3 *2 P4 3/D3 *1 P4 3/D3 *2 P4 3/D3 *1 P4 3 P4 3 22 24 V SS V SS V SS V SS V SS V SS V SS 23 25 P4 4/D4 *1 P4 4/D4 *2 P4 4/D4 *1 P4 4/D4 *2 P4 4/D4 *1 P4 4 P4 4 24 26 P4 5/D5 *1 P4 5/D5 *2 P4 5/D5 *1 P4 5/D5 *2 P4 5/D5 *1 P4 5 P4 5 25 27 P4 6/D6 *1 P4 6/D6 *2 P4 6/D6 *1 P4 6/D6 *2 P4 6/D6 *1 P4 6 P4 6 26 28 P4 7/D7 *1 P4 7/D7 *2 P4 7/D7 *1 P4 7/D7 *2 P4 7/D7 *1 P4 7 P4 7 27 29 D 8 D 8 D 8 D 8 D 8 P3 0 P3 0 28 30 D 9 D 9 D 9 D 9 D 9 P3 1 P3 1 29 31 D 10 D 10 D 10 D 10 D 10 P3 2 P3 2 30 32 D 11 D 11 D 11 D 11 D 11 P3 3 P3 3 31 33 D 12 D 12 D 12 D 12 D 12 P3 4 P3 4 32 34 D 13 D 13 D 13 D 13 D 13 P3 5 P3 5 33 35 D 14 D 14 D 14 D 14 D 14 P3 6 P3 6 34 36 D 15 D 15 D 15 D 15 D 15 P3 7 P3 7 35 37 V CC V CC V CC V CC V CC V CC V CC 36 38 A 0 A 0 A 0 A 0 P1 0/A0 P1 0 P1 0 37 39 A 1 A 1 A 1 A 1 P1 1/A1 P1 1 P1 1 38 40 A 2 A 2 A 2 A 2 P1 2/A2 P1 2 P1 2 39 41 A 3 A 3 A 3 A 3 P1 3/A3 P1 3 P1 3 40 42 A 4 A 4 A 4 A 4 P1 4/A4 P1 4 P1 4 41 43 A 5 A 5 A 5 A 5 P1 5/A5 P1 5 P1 5 42 44 A 6 A 6 A 6 A 6 P1 6/A6 P1 6 P1 6 43 45 A 7 A 7 A 7 A 7 P1 7/A7 P1 7 P1 7 44 46 V SS V SS V SS V SS V SS V SS V SS 45 47 A 8 A 8 A 8 A 8 P2 0/A8 P2 0 P2 0 46 48 A 9 A 9 A 9 A 9 P2 1/A9 P2 1 P2 1 |