| 전자부품 데이터시트 검색엔진 |
|
SH7014 데이터시트(PDF) 101 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 데이터시트(HTML) 101 Page - Renesas Technology Corp |
|
101 / 754 page ![]() 5. Exception Processing Rev.5.00 Sep. 27, 2007 Page 67 of 716 REJ09B0398-0500 5.5 Exceptions Triggered by Instructions 5.5.1 Types of Exceptions Triggered by Instructions Exception processing can be triggered by trap instructions, general illegal instructions, and illegal slot instructions, as shown in table 5.8. Table 5.8 Types of Exceptions Triggered by Instructions Type Source Instruction Comment Trap instructions TRAPA ⎯ Illegal slot instructions Undefined code placed immediately after a delayed branch instruction (delay slot) and instructions that rewrite the PC Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, BRAF Instructions that rewrite the PC: JMP, JSR, BRA, BSR, RTS, RTE, BT, BF, TRAPA, BF/S, BT/S, BSRF, BRAF General illegal instructions Undefined code anywhere besides in a delay slot ⎯ 5.5.2 Trap Instructions When a TRAPA instruction is executed, trap instruction exception processing starts up. The CPU operates as follows: 1. The status register (SR) is saved to the stack. 2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the instruction to be executed after the TRAPA instruction. 3. The exception service routine start address is fetched from the exception processing vector table that corresponds to the vector number specified in the TRAPA instruction. That address is jumped to and the program starts executing. The jump that occurs is not a delayed branch. |