| 전자부품 데이터시트 검색엔진 |
|
SH7014 데이터시트(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 데이터시트(HTML) 118 Page - Renesas Technology Corp |
|
118 / 754 page ![]() 6. Interrupt Controller (INTC) Rev.5.00 Sep. 27, 2007 Page 84 of 716 REJ09B0398-0500 Bits 7 to 4, 1, 0 ⎯IRQ0 to IRQ3, IRQ6, IRQ7 Flags (IRQ0F to IRQ3F, IRQ6F, IRQ7F): These bits display the IRQ0 to IRQ3, IRQ6, IRQ7 interrupt request status. Bits 7 to 4, 1, 0 IRQ0F to IRQ3F, IRQ6F, IRQ7F Detection Setting Description 0 Level detection No IRQn interrupt request exists. Clear conditions: When IRQn input is high level Edge detection No IRQn interrupt request was detected. (initial value) Clear conditions: 1. When a 0 is written after reading IRQnF = 1 status 2. When IRQn interrupt exception processing has been executed 1 Level detection An IRQn interrupt request exists. Set conditions: When IRQn input is low level Edge detection An IRQn interrupt request was detected. Set conditions: When a falling edge occurs at an IRQn input IRQ pin Edge detection Selection CPU interrupt request (IRQn interrupt acceptance/IRQnF = 0 write after IRQnF = 1 read) S R RESIRQn Q IRQnS (0: level, 1: edge) ISR.IRQnF Level detection Figure 6.2 External Interrupt Process |