| 전자부품 데이터시트 검색엔진 |
|
H83887 데이터시트(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H83887 데이터시트(HTML) 73 Page - Renesas Technology Corp |
|
73 / 523 page ![]() 56 Interrupt vector area (42 bytes) On-chip ROM 32kbytes*1 On-chip RAM Not used Not used Not used LCD RAM (20 bytes) Internal I/O registers (112 bytes) Access Word Byte 2 —— — —— — 2 —— — 2 × 3 × 2 × 3 × 2 × 2 States 2048 bytes*2 H'FFA8 to H'FFAF H'0000 H'0029 H'002A H'7FFF H'F740 H'F753 H'F780 H'FF7F H'FF90 H'FFFF *1 *2 H'FF98 to H'FF9F Notes: The H8/3884 and H8/3844 are shown as an example. 1. The address is H'3FFF in the H8/3882 and H8/3842 (16-kbyte on-chip ROM), H'5FFF in the H8/3883 and H8/3843 (24-kbyte on-chip ROM), H'9FFF in the H8/3885 and H8/3845 (40-kbyte on-chip ROM), H'BFFF in the H8/3886 and H8/3846 (48-kbyte on-chip ROM), and H'EDFF in the H8/3887 and H8/3847 (60-kbyte on-chip ROM). 2. The address is H'FB7F in the H8/3882, H8/3842, H8/3883 and H8/3843 (1024-byte on- chip ROM). Figure 2-17 Data Size and Number of States for Access to and from On-Chip Peripheral Modules |