전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H83887 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 H83887
상세설명  Single-Chip Microcomputer
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83887 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button H83887 Datasheet HTML 17Page - Renesas Technology Corp H83887 Datasheet HTML 18Page - Renesas Technology Corp H83887 Datasheet HTML 19Page - Renesas Technology Corp H83887 Datasheet HTML 20Page - Renesas Technology Corp H83887 Datasheet HTML 21Page - Renesas Technology Corp H83887 Datasheet HTML 22Page - Renesas Technology Corp H83887 Datasheet HTML 23Page - Renesas Technology Corp H83887 Datasheet HTML 24Page - Renesas Technology Corp H83887 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 523 page
background image
4
Table 1-1
Features (cont)
Item
Description
Serial
communication
interface
Three serial communication interface channels on chip
• SCI1: Synchronous serial interface
Choice of 8-bit or 16-bit transfer data
• SCI3-1: 8-bit synchronous/asynchronous serial interface
Incorporates multiprocessor communication function
• SCI3-2: 8-bit synchronous/asynchronous serial interface
Incorporates multiprocessor communication function
14-bit PWM
Pulse-division PWM output for reduced ripple
• Can be used as a 14-bit D/A converter by connecting to an external low-pass
filter.
A/D converter
Successive approximations using a resistance ladder
• 12-channel analog input pins
• Conversion time: 31/ø or 62/ø per channel
LCD
controller/driver
LCD controller/driver equipped with a maximum of 40 segment pins and four
common pins
• Choice of four duty cycles (static, 1/2, 1/3, or 1/4)
• Segment pins can be switched to general-purpose port function in 8-bit units
LCD drive power
supply
Step-up constant-voltage power supply allows LCD display.(H8/3887 Series only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More