| 전자부품 데이터시트 검색엔진 |
|
SH7721 데이터시트(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 데이터시트(HTML) 59 Page - Renesas Technology Corp |
|
59 / 1524 page ![]() Rev. 3.00 Jan. 18, 2008 Page lix of lxii Table 26.5 Available Power-Supply Control-Sequence Periods at Typical Frame Rates....... 913 Table 26.6 LCDC Operating Modes....................................................................................... 914 Table 26.7 LCD Module Power-Supply States....................................................................... 914 Section 27 A/D Converter Table 27.1 Pin Configuration.................................................................................................. 931 Table 27.2 Analog Input Channels and A/D Data Registers................................................... 932 Table 27.3 A/D Conversion Time (Single Mode)................................................................... 943 Table 27.4 Conditions for the Method of Transferring Results of A/D Conversion and Inclusion of Superfluous DMA ...................................................................... 947 Table 27.5 Analog Input Pin Ratings...................................................................................... 950 Section 28 D/A Converter (DAC) Table 28.1 Pin Configuration.................................................................................................. 954 Section 29 PC Card Controller (PCC) Table 29.1 Features of the PCMCIA Interface ....................................................................... 959 Table 29.2 PCC Pin Configuration ......................................................................................... 962 Table 29.3 PCMCIA Support Interface .................................................................................. 977 Section 30 SIM Card Module (SIM) Table 30.1 Pin Configuration.................................................................................................. 989 Table 30.2 Register Settings for Smart Card Interface ......................................................... 1009 Table 30.3 Example of Bit Rates (bits/s) for SCBRR Settings (P φ = 19.8 MHz, SCSMPL = 371)...................................................................... 1011 Table 30.4 Interrupt Sources of Smart Card Interface .......................................................... 1018 Section 31 MultiMediaCard Interface (MMCIF) Table 31.1 Pin Configuration................................................................................................ 1029 Table 31.2 Correspondence between Commands and Settings of CMDTYR and RSPTYR ...................................................................................................... 1034 Table 31.3 CMDR Configuration ......................................................................................... 1037 Table 31.4 Correspondence between Command Response Byte Number and RSPR........... 1039 Table 31.5 MMCIF Interrupt Sources................................................................................... 1108 Section 33 User Break Controller (UBC) Table 33.1 Specifying Break Address Register .................................................................... 1116 Table 33.2 Specifying Break Data Register.......................................................................... 1118 Table 33.3 Data Access Cycle Addresses and Operand Size Comparison Conditions......... 1129 |