전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38K09RFS 데이터시트(PDF) 153 Page - Renesas Technology Corp

부품명 M38K09RFS
상세설명  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS 데이터시트(HTML) 153 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 149Page - Renesas Technology Corp M38K09RFS Datasheet HTML 150Page - Renesas Technology Corp M38K09RFS Datasheet HTML 151Page - Renesas Technology Corp M38K09RFS Datasheet HTML 152Page - Renesas Technology Corp M38K09RFS Datasheet HTML 153Page - Renesas Technology Corp M38K09RFS Datasheet HTML 154Page - Renesas Technology Corp M38K09RFS Datasheet HTML 155Page - Renesas Technology Corp M38K09RFS Datasheet HTML 156Page - Renesas Technology Corp M38K09RFS Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 328 page
background image
2.3 Timer
Rev.2.00
Oct 05, 2006
page 24 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.3.3 Structure of Timer 1
Fig. 2.3.4 Structure of Timer 2, Timer X
Timer 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
1
0
0
0
0
0
0
0
Timer 1 (T1) [Address : 2116]
•Set a count value of timer 1.
•The value set in this register is written to both timer 1 and timer 1
latch at the same time.
•When this register is read out, the timer 1’s count value is read
out.
Timer 2, Timer X
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
1
1
1
1
1
1
1
1
Timer 2 (T2) [Address : 2216]
Timer X (TX) [Address : 2516]
•Set a count value of each timer.
•The value set in this register is written to both each timer and
each timer latch at the same time.
•When this register is read out, each timer’s count value is read
out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More