전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7460N 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TDA7460N
상세설명  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7460N 데이터시트(HTML) 3 Page - STMicroelectronics

  TDA7460N Datasheet HTML 1Page - STMicroelectronics TDA7460N Datasheet HTML 2Page - STMicroelectronics TDA7460N Datasheet HTML 3Page - STMicroelectronics TDA7460N Datasheet HTML 4Page - STMicroelectronics TDA7460N Datasheet HTML 5Page - STMicroelectronics TDA7460N Datasheet HTML 6Page - STMicroelectronics TDA7460N Datasheet HTML 7Page - STMicroelectronics TDA7460N Datasheet HTML 8Page - STMicroelectronics TDA7460N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PIN DESCRIPTION
N.
Name
Function
Type
1
CASSR
Cassette Input Right
I
2
CASSL
Cassette Input Left
I
3
CDR
CD Right Channel Input
I
4
CDGND
Ground reference CD
I
5
CDL
CD Left Channel Input
I
6
PHGND
Phone Ground (MPOUT selectable by SW
1)I
7
PHONE
Phone Input (MPIN selectable by SW
1)I
8
AM
AM Input
I
9
MPX
FM Input (MPX)
I
10
LEVEL
Level Input Stereodecoder
I
11
SMUTE
Soft Mute Drive
I
12
SCL
I
2C Clock Line
I/O
13
SDA
I
2C Data Line
I/O
14
GND
Supply Ground
S
15
VS
Supply Voltage
S
16
OUTRR
Right Rear Speaker Output
O
17
OUTLR
Left Rear Speaker Output
O
18
OUTRF
Right Front Spaeaker Output
O
19
OUTLF
Left Front Speaker Output
O
20
CREF
Reference Capacitor Pin
S
(1) See input configuration tree and databyte specification ”configuration”
Pin type legenda:
I = Input
O = Output
I/O = Input/Output
S = Supply
TDA7460N
3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com