전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

505-AD8295ACPZ-R7CT-ND 데이터시트(PDF) 16 Page - Analog Devices

부품명 505-AD8295ACPZ-R7CT-ND
상세설명  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

505-AD8295ACPZ-R7CT-ND 데이터시트(HTML) 16 Page - Analog Devices

Back Button 505-AD8295ACPZ-R7CT-ND Datasheet HTML 12Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 13Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 14Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 15Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 16Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 17Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 18Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 19Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8295
Rev. 0 | Page 16 of
28
OP AMPS
VS = ±15 V, TA = 25°C, RL = 10 kΩ, Op Amp A1 and Op Amp A2, unless otherwise noted.
80
70
60
50
40
30
20
10
0
–10
–20
0.1
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 42. Closed-Loop Gain vs. Frequency, G = 1 to 1000
140
120
100
80
60
40
20
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
+PSRR
–PSRR
Figure 43. PSRR vs. Frequency
1k
100
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 44. Voltage Noise Density vs. Frequency
8
6
4
2
0
–2
–4
–6
–8
012
3456789
10
TIME (Sec)
Figure 45. 0.1 Hz to 10 Hz Noise
14
12
10
8
6
4
2
0
–2
–4
–6
TEMPERATURE (°C)
OFFSET CURRENT
+BIAS CURRENT
–BIAS CURRENT
Figure 46. Input Bias Current and Input Offset Current vs. Temperature
40
30
20
10
0
–10
–20
–30
–40
–50
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 47. Gain Drift Using On-Chip Resistor Divider, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com