전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

505-AD8295ACPZ-R7CT-ND 데이터시트(PDF) 18 Page - Analog Devices

부품명 505-AD8295ACPZ-R7CT-ND
상세설명  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

505-AD8295ACPZ-R7CT-ND 데이터시트(HTML) 18 Page - Analog Devices

Back Button 505-AD8295ACPZ-R7CT-ND Datasheet HTML 14Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 15Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 16Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 17Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 18Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 19Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 20Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 21Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8295
Rev. 0 | Page 18 of
28
SYSTEM
VS = ±15 V, VREF = 0 V, TA = 25°C, unless otherwise noted.
–40
–20
0
20
40
60
80
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 49. Differential Output Configuration, Gain vs. Frequency
0
10
20
30
40
50
60
70
1
10
100
1k
10k
100k
1M
80
FREQUENCY (Hz)
Figure 50. Differential Output Configuration,
Common-Mode Output vs. Frequency
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
16
SUPPLY VOLTAGE (±V)
+25°C
+85°C
+125°C
–40°C
Figure 51. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com