전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3203ASWZ 데이터시트(PDF) 15 Page - Analog Devices

부품명 ADV3203ASWZ
상세설명  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ 데이터시트(HTML) 15 Page - Analog Devices

Back Button ADV3203ASWZ Datasheet HTML 11Page - Analog Devices ADV3203ASWZ Datasheet HTML 12Page - Analog Devices ADV3203ASWZ Datasheet HTML 13Page - Analog Devices ADV3203ASWZ Datasheet HTML 14Page - Analog Devices ADV3203ASWZ Datasheet HTML 15Page - Analog Devices ADV3203ASWZ Datasheet HTML 16Page - Analog Devices ADV3203ASWZ Datasheet HTML 17Page - Analog Devices ADV3203ASWZ Datasheet HTML 18Page - Analog Devices ADV3203ASWZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 15 of 20
The internal connection of the ADV3202/ADV3203 is
controlled by a TTL-compatible logic interface. Serial loading
into a first rank of latches preprograms each output. A global
update signal moves the programming data into the second
rank of latches, simultaneously updating all outputs. A serial
out pin allows devices to be daisy chained together for single
pin programming of multiple ICs. A power-on reset pin is
available to prevent bus conflicts by disabling all outputs.
The ADV3202 can operate on a single +5 V supply, powering
both the signal path (with the VPOS/VNEG supply pins) and
the control logic interface (with the VDD/DGND supply pins).
However, to easily interface to ground referenced video signals,
split supply operation is possible with ±2.5 V. (The ADV3203 is
intended to operate on ±3.3 V.) In the case of split supplies, a
flexible logic interface allows the control logic supplies
(VDD/DGND) to be run off +3.3 V/0 V to +5 V/0 V while the
core remains on split supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com