전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7181CBSTZ 데이터시트(PDF) 14 Page - Analog Devices

부품명 ADV7181CBSTZ
상세설명  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ 데이터시트(HTML) 14 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ Datasheet HTML 15Page - Analog Devices ADV7181CBSTZ Datasheet HTML 16Page - Analog Devices ADV7181CBSTZ Datasheet HTML 17Page - Analog Devices ADV7181CBSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADV7181C
Rev. 0 | Page 14 of 20
ANALOG INPUT MUXING
The ADV7181C has an integrated analog muxing section that allows more than one source of video signal to be connected to the decoder.
Figure 3 outlines the overall structure of the input muxing provided in the ADV7181C.
ADC0_SW[3:0]
ADC_SW_MAN_EN
ADC0
AIN6
AIN5
AIN4
AIN3
AIN6
AIN5
AIN4
AIN3
AIN2
AIN6
AIN5
AIN4
AIN4
AIN2
AIN1
1
ADC1_SW[3:0]
ADC1
1
ADC2_SW[3:0]
ADC2
1
ADC3_SW[3:0]
ADC3
1
Figure 3. ADV7181C Internal Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20