전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5522 데이터시트(PDF) 40 Page - Cirrus Logic

부품명 CS5522
상세설명  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522 데이터시트(HTML) 40 Page - Cirrus Logic

Back Button CS5522 Datasheet HTML 36Page - Cirrus Logic CS5522 Datasheet HTML 37Page - Cirrus Logic CS5522 Datasheet HTML 38Page - Cirrus Logic CS5522 Datasheet HTML 39Page - Cirrus Logic CS5522 Datasheet HTML 40Page - Cirrus Logic CS5522 Datasheet HTML 41Page - Cirrus Logic CS5522 Datasheet HTML 42Page - Cirrus Logic CS5522 Datasheet HTML 43Page - Cirrus Logic CS5522 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
CS5521/22/23/24/28
40
DS317F6
of the configuration register.
4) Once the CSRs are programmed, repeated conver-
sions on up to 16 Setups can be performed by is-
suing only one command byte.
5) The single conversion mode also requires only one
command, but whenever another or a different
single conversion is wanted, this command or a
modified version of it has to be issued again.
6) The NULL command is used to keep the serial port
in command mode, once it is in command mode.
1.5
Conversion Output Coding
The CS5521/22/23/24/28 devices output 16-bit
(CS5521/23) and 24-bit (CS5522/24/28) data con-
version words. To read a conversion word, the user
must read the conversion data FIFO. The conver-
sion data FIFO is up to 192 bits long and outputs
the conversions MSB first. The last byte of the con-
version data word (CS5521/23 only) contains data
monitoring flags. The channel indicator (CI) bits
keep track of which physical channel was convert-
ed, and the overrange flag (OF) and the oscillation
detect (OD) bits monitor conversions to determine
if a valid conversion was performed. Refer to the
Conversion Data FIFO Descriptions section for
more details.
The CS5521/22/23/24/28 output data conversions
in binary format when operating in unipolar mode
and in two's complement when operating in bipolar
mode. Refer to the Conversion Data FIFO De-
scriptions section for more details.
Note: VFS in the table equals the voltage between ground and full scale for any of the unipolar gain ranges, or the
voltage between
± full scale for any of the bipolar gain ranges. See text about error flags under overrange
conditions.
Unipolar Input
Voltage
Offset
Binary
Bipolar Input
Voltage
Two's
Complement
Unipolar Input
Voltage
Offset
Binary
Bipolar Input
Voltage
Two's
Complement
>(VFS-1.5 LSB)
FFFF
>(VFS-1.5 LSB)
7FFF
>(VFS-1.5 LSB) FFFFFF
>(VFS-1.5 LSB)
7FFFFF
VFS-1.5 LSB
FFFF
------
FFFE
VFS-1.5 LSB
7FFF
------
7FFE
VFS-1.5 LSB
FFFFFF
------
FFFFFE
VFS-1.5 LSB
7FFFFF
------
7FFFFE
VFS/2-0.5 LSB
8000
------
7FFF
-0.5 LSB
0000
------
FFFF
VFS/2-0.5 LSB
800000
------
7FFFFF
-0.5 LSB
000000
------
FFFFFF
+0.5 LSB
0001
------
0000
-VFS+0.5 LSB
8001
------
8000
+0.5 LSB
000001
------
000000
-VFS+0.5 LSB
800001
------
800000
<(+0.5 LSB)
0000
<(-VFS+0.5 LSB)
8000
<(+0.5 LSB)
000000
<(-VFS+0.5 LSB)
800000
Table 6. Output Coding for 16-bit CS5521/23 and 24-bit CS5522/24/28
CS5521/23 16-Bit Output Coding
CS5522/24/28 24-Bit Output Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com