전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5522 데이터시트(PDF) 43 Page - Cirrus Logic

부품명 CS5522
상세설명  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522 데이터시트(HTML) 43 Page - Cirrus Logic

Back Button CS5522 Datasheet HTML 39Page - Cirrus Logic CS5522 Datasheet HTML 40Page - Cirrus Logic CS5522 Datasheet HTML 41Page - Cirrus Logic CS5522 Datasheet HTML 42Page - Cirrus Logic CS5522 Datasheet HTML 43Page - Cirrus Logic CS5522 Datasheet HTML 44Page - Cirrus Logic CS5522 Datasheet HTML 45Page - Cirrus Logic CS5522 Datasheet HTML 46Page - Cirrus Logic CS5522 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
CS5521/22/23/24/28
DS317F6
43
1.8 Power Supply Arrangements
The CS5521/22/23/24/28 A/D converters are de-
signed to operate from a single +5 V analog supply
and a single +5 V or +3 V digital supply. A -2.1 V
supply is usually generated from the charge pump
drive to provide power to the instrumentation am-
plifier’s
NBV
(negative
bias
voltage)
pin.
Figure 21 illustrates the CS5522 connected with a
+5 V analog supply and with the external compo-
nents required for the charge pump drive. This en-
ables the CS5522 to measure ground-referenced
signals with magnitudes down to ±100 mV.
Figure 22 illustrates the CS5522 connected to mea-
sure ground-referenced unipolar signals of a posi-
tive polarity using the 1 V, 2.5 V, and 5 V ranges
on the converter. For the 25 mV, 55 mV, and
100 mV ranges, the signals being digitized must
have a common mode between +1.85 to +2.65 V
(NBV = 0 V).
Although CS5521/22/23/24/28 are optimized for
the measurement of thermocouple outputs, they are
also well suited for the measurement of ratiometric
bridge transducer outputs. Figure 23 illustrates the
CS5522 connected to measure the output of a rati-
ometric differential bridge transducer while operat-
ing from a single +5 V supply. Bridge outputs may
range from 5 mV to 400 mV. See “Digital Gain
Scaling” on page 45 section about manipulating the
gain register to achieve optimum gain scaling.
XO U T
VD +
VA +
VR E F +
VR E F -
DG ND
NB V
AIN 1 +
SC L K
SD O
SD I
C S 5522
XIN
CP D
CS
10
Ω
+5 V
An a lo g
Su p p ly
0.1
µF0 .1 µF
20
19
3
1
AG N D
21 4
11
10
15
12
8
9
13
5
O p tion al
Clo c k
S ourc e
Se ria l
Da ta
In te rfa ce
7
32 .7 68 ~ 1 0 0 k H z
2.5 V
U p to ± 1 00 m V In pu t
AIN 1 -
4
10 k
Ω
0.1
µF
10
µF
1 N 4148
1 N 41 48
+
BA V 1 9 9
18
AIN2 +
17
AIN 2 -
16
A1
6
A0
C harg e -p um p n e tw o rk
fo r V D + = 5 V o n ly a n d
X IN = 32.76 8 k H z .
Lo g ic O u tp u ts :
A0 - A 1 S w itc h fro m
V A + to A G ND.
10 k
Ω
301
Ω
49 9
Ω
+5 V
V+
R
LM 334
Ab s o lu te
Cu rre n t
R e fe renc e
V-
C o ld J u nction
BA T 8 5
0.0 33
µF
Figure 21. CS5522 Configured to use on-chip charge pump to supply NBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com