전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT83R5122XXX-RDTUM 데이터시트(PDF) 85 Page - ATMEL Corporation

부품명 AT83R5122XXX-RDTUM
상세설명  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM 데이터시트(HTML) 85 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 84Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 85Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 86Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 87Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 88Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 208 page
background image
85
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Reset Value = 0010 0101b
Reset Value = 1000 0000b
Table 56.
Smart Card Character/Block Waiting Time Register 2
SCWT2 (S:B6h, SCRS=0)
76
54
32
10
WT23
WT22
WT21
WT20
WT19
WT18
WT17
WT16
Bit Number
Bit Mnemonic
Description
7 - 0
WT[23:16]
Waiting Time Byte2
Used together with WT[31:24] and WT[15:0] in registers SCWT3,SCWT1, SCWT0 (see Table 58).
Table 57.
Smart Card Character/Block Waiting Time Register 1
SCWT1 (S:B5h, SCRS=0)
76
54
32
10
WT15
WT14
WT13
WT12
WT11
WT10
WT9
WT8
Bit Number
Bit Mnemonic
Description
7 - 0
WT[15:8]
Waiting Time Byte 1
Used together with WT[31:16] and WT[7:0] in registers SCWT3,SCWT2, SCWT0 (see Table 55).
Table 58.
Smart Card Character/Block Waiting Time Register 0
SCWT0 (S:B4h, SCRS=0)
76
54
32
10
WT7
WT6
WT5
WT4
WT3
WT2
WT1
WT0
Bit Number
Bit Mnemonic
Description
7 - 0
WT[7:0]
Waiting Time Byte 0
WT[31:0] is the reload value of the Waiting Time Counter (WTC).
The WTC is a general-purpose timer. It is using the ETU clock and is controlled by the WTEN bit (see Table 44 on
page 77 and Section “Waiting Time (WT) Counter”, page 67).
When UART bit of Registers is set, the WTC is automatically reloaded at each start bit of the UART. It is used to
check the maximum time between to consecutive start bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com