전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT83R5122XXX-RDTUM 데이터시트(PDF) 58 Page - ATMEL Corporation

부품명 AT83R5122XXX-RDTUM
상세설명  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM 데이터시트(HTML) 58 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 54Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 55Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 56Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 57Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 58Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 59Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 60Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 61Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 208 page
background image
58
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 28.
LED Source Current
Notes: 1. When switching a low level, LEDCTRL device has a permanent current of about
N mA/15 (N is 2, 4 or 8).
2. The port must be configured as standard C51 port by means of PMOD0 and PMOD1
registers and the level of current must be programmed by means of LEDCON0 and
LEDCON1 registers before switching the led on.
Table 35.
LED Source Current
LEDx.1
LEDx.0
Port Latch Data
NMOS
PIN
Comments
00
0
1
0
LED control disabled
00
1
0
1
01
0
0
0
LED mode 2 mA
01
1
0
1
10
0
0
0
LED mode 4 mA
10
1
0
1
11
0
0
0
LED mode 10 mA
11
1
0
1
Pin
Port Latch
Data
LEDx.0
LEDx.1
NMOS
N
N
LEDCTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com