| 전자부품 데이터시트 검색엔진 |
|
WARP11 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
WARP11 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 19 page ![]() VSS VDD MCLK I0 I1 I2 I3 I4 I5 I6 I7 CHM FIN OFL PRST TE MTE VSS VDD VDD VSS SYNC OTST OMTS STB EP VSS NP OCNT3 OCNT2 OCNT1 OCNT0 VSS VDD 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 11 10 9 8 7 6 5 4 3 2 1 84 83 82 81 80 79 78 77 76 75 W.A.R.P. 1.1 Figure 3. PLCC84 Pin Configuration Symbol Parameter Min Typ Max Unit VDD Supply Voltage 4.75 5.0 5.25 V VIL Input Voltage 0.8 V VIH Input Voltage 2 V VOL Ouput Voltage 0.5 V VOH Ouput Voltage 2.4 V FCLK Clock Frequency 40 MHz CL Output Load Capacitance 10 85 pF Table 3. Recomended Operation Conditions (Ta=0 to +70 °C unless otherwise specified) 3/19 W.A.R.P.1.1 |