| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896PP 데이터시트(PDF) 209 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896PP 데이터시트(HTML) 209 Page - Actel Corporation |
|
209 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-103 624-Pin CCGA AX1000 Function Pin Number Bank 0 IO00NB0F0 F8 IO00PB0F0 F7 IO02NB0F0 G7 IO02PB0F0 G6 IO04NB0F0 E9 IO04PB0F0 D8 IO06NB0F0 G9 IO06PB0F0 G8 IO07PB0F0 B6 IO08NB0F0 F10 IO08PB0F0 F9 IO09PB0F0 C7 IO10NB0F0 H8 IO10PB0F0 H7 IO11NB0F0 D10 IO11PB0F0 D9 IO12NB0F1 B5 IO12PB0F1 B4 IO13NB0F1 A7 IO13PB0F1 A6 IO14NB0F1 C9 IO14PB0F1 C8 IO15PB0F1 B7 IO16NB0F1 A5 IO16PB0F1 A4 IO17NB0F1 A9 IO17PB0F1 B9 IO18NB0F1 D12 IO18PB0F1 D11 IO20NB0F1 B11 IO20PB0F1 B10 IO21NB0F1 A11 IO21PB0F1 A10 IO22NB0F2 H10 IO22PB0F2 H9 IO23NB0F2 E11 IO23PB0F2 F11 IO24NB0F2 D7 IO24PB0F2 E7 IO25PB0F2 B12 IO26NB0F2 H11 IO26PB0F2 G11 IO27NB0F2 C11 IO27PB0F2 B8 IO28NB0F2 J13 IO28PB0F2 K13 IO29NB0F2 J8 IO29PB0F2 J7 IO30NB0F2/HCLKAN G13 IO30PB0F2/HCLKAP G12 IO31NB0F2/HCLKBN C13 IO31PB0F2/HCLKBP C12 Bank 1 IO32NB1F3/HCLKCN G15 IO32PB1F3/HCLKCP G14 IO33NB1F3/HCLKDN B14 IO33PB1F3/HCLKDP B13 IO34NB1F3 G16 IO34PB1F3 H16 IO35NB1F3 C17 IO35PB1F3 B18 IO36NB1F3 H18 IO36PB1F3 H15 IO37NB1F3 H13 IO38NB1F3 E15 IO38PB1F3 F15 IO39NB1F3 D14 IO39PB1F3 C14 IO40NB1F3 D16 IO40PB1F3 D15 IO41NB1F4 F16 IO42NB1F4 G21 IO42PB1F4 G20 624-Pin CCGA AX1000 Function Pin Number IO43NB1F4 A16 IO43PB1F4 A15 IO44NB1F4 A20 IO44PB1F4 A19 IO45NB1F4 B17 IO45PB1F4 B16 IO46NB1F4 G17 IO46PB1F4 H17 IO47NB1F4 A17 IO48NB1F4 C19 IO48PB1F4 C18 IO49NB1F4 B20 IO49PB1F4 B19 IO50NB1F4 H20 IO50PB1F4 H19 IO51NB1F4 A22 IO51PB1F4 A21 IO52NB1F4 C21 IO52PB1F4 C20 IO53NB1F4 B22 IO53PB1F4 B21 IO54NB1F5 J18 IO54PB1F5 J19 IO55NB1F5 D18 IO55PB1F5 D17 IO56NB1F5 F20 IO56PB1F5 F19 IO58NB1F5 E17 IO58PB1F5 F17 IO60NB1F5 D20 IO60PB1F5 D19 IO62NB1F5 E18 IO62PB1F5 F18 IO63NB1F5 G19 IO63PB1F5 G18 Bank 2 IO64NB2F6 M17 624-Pin CCGA AX1000 Function Pin Number |