전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896PP 데이터시트(PDF) 212 Page - Actel Corporation

부품명 AX2000-1CSG896PP
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896PP 데이터시트(HTML) 212 Page - Actel Corporation

Back Button AX2000-1CSG896PP Datasheet HTML 208Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 209Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 210Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 211Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 212Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 213Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 214Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 215Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 216Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 226 page
background image
Axcelerator Family FPGAs
3- 106
v2.7
IO200NB6F18
V3
IO200PB6F18
W3
IO201NB6F18
T7
IO201PB6F18
U7
IO202NB6F18
V2
IO203NB6F19
W2
IO203PB6F19
Y2
IO204NB6F19
AA1
IO204PB6F19
AB1
IO205NB6F19
R6
IO205PB6F19
T6
IO206NB6F19
W1
IO206PB6F19
Y1
IO207NB6F19
T2
IO207PB6F19
U2
IO208NB6F19
T1
IO208PB6F19
U1
IO209NB6F19
AA2
IO209PB6F19
AB2
IO210NB6F19
P5
IO211NB6F19
M1
IO211PB6F19
N1
IO212NB6F19
P1
IO212PB6F19
R1
IO213NB6F19
R8
IO213PB6F19
T8
IO215NB6F20
U4
IO215PB6F20
V4
IO216NB6F20
P8
IO216PB6F20
R3
IO217NB6F20
P7
IO217PB6F20
R7
IO219NB6F20
R4
IO219PB6F20
T4
IO220NB6F20
P2
IO220PB6F20
R2
IO221NB6F20
N4
624-Pin CCGA
AX1000 Function
Pin Number
IO221PB6F20
P4
IO223NB6F20
M2
IO223PB6F20
N2
IO224NB6F20
N3
IO224PB6F20
P3
Bank 7
IO225NB7F21
J2
IO225PB7F21
J1
IO226PB7F21
G2
IO227NB7F21
H3
IO227PB7F21
H2
IO229NB7F21
K2
IO229PB7F21
L2
IO230NB7F21
K1
IO230PB7F21
L1
IO231NB7F21
E2
IO231PB7F21
F2
IO232NB7F21
F1
IO232PB7F21
G1
IO233NB7F21
L3
IO233PB7F21
M3
IO234NB7F21
D1
IO234PB7F21
E1
IO235NB7F21
K4
IO235PB7F21
L4
IO236NB7F22
M6
IO237NB7F22
N8
IO237PB7F22
N7
IO238NB7F22
M5
IO239NB7F22
L6
IO239PB7F22
L5
IO240NB7F22
M4
IO241NB7F22
L7
IO241PB7F22
M7
IO242NB7F22
J3
IO243NB7F22
M9
IO243PB7F22
M8
624-Pin CCGA
AX1000 Function
Pin Number
IO244NB7F22
P9
IO244PB7F22
N6
IO245NB7F22
K8
IO245PB7F22
L8
IO246NB7F22
F3
IO246PB7F22
E3
IO247NB7F23
K7
IO247PB7F23
K6
IO248NB7F23
D2
IO249NB7F23
G4
IO249PB7F23
G3
IO251NB7F23
N10
IO251PB7F23
N9
IO253NB7F23
H4
IO253PB7F23
J4
IO255NB7F23
J6
IO255PB7F23
J5
IO257NB7F23
H5
IO257PB7F23
H6
Dedicated I/O
GND
K5
GND
A18
GND
A2
GND
A24
GND
A25
GND
A8
GND
AA10
GND
AA16
GND
AA18
GND
AA21
GND
AA5
GND
AB22
GND
AB4
GND
AC10
GND
AC16
GND
AC23
GND
AC3
624-Pin CCGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More