| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896PP 데이터시트(PDF) 211 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896PP 데이터시트(HTML) 211 Page - Actel Corporation |
|
211 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-105 IO137NB4F12 Y17 IO137PB4F12 AA17 IO138NB4F12 AB19 IO138PB4F12 AB18 IO139NB4F13 AA19 IO139PB4F13 U18 IO140NB4F13 AC20 IO140PB4F13 AC21 IO141NB4F13 AD17 IO141PB4F13 AD18 IO142NB4F13 AD21 IO142PB4F13 AD22 IO143NB4F13 AB17 IO143PB4F13 AC17 IO144PB4F13 AE22 IO145NB4F13 AE15 IO145PB4F13 AE16 IO146NB4F13 AD19 IO146PB4F13 AD20 IO147NB4F13 AD15 IO147PB4F13 AD16 IO148PB4F13 AE21 IO149NB4F13 AD14 IO149PB4F13 AC14 IO150NB4F13 AE19 IO150PB4F13 AE20 IO151NB4F13 V17 IO151PB4F13 W17 IO152NB4F14 AB16 IO152PB4F14 W16 IO153NB4F14 Y15 IO153PB4F14 Y16 IO155NB4F14 V15 IO155PB4F14 V16 IO156NB4F14 AB14 IO156PB4F14 AB15 IO157NB4F14 AE14 624-Pin CCGA AX1000 Function Pin Number IO157PB4F14 AC18 IO158NB4F14 AC15 IO158PB4F14 AC19 IO159NB4F14/CLKEN W14 IO159PB4F14/CLKEP W15 IO160NB4F14/CLKFN AC13 IO160PB4F14/CLKFP AD13 Bank 5 IO161NB5F15/CLKGN W13 IO161PB5F15/CLKGP Y13 IO162NB5F15/CLKHN AC12 IO162PB5F15/CLKHP AD12 IO163NB5F15 V9 IO163PB5F15 V10 IO164NB5F15 V11 IO164PB5F15 T13 IO165NB5F15 U13 IO165PB5F15 V13 IO167NB5F15 W11 IO167PB5F15 W12 IO168NB5F15 AB6 IO168PB5F15 AA6 IO169NB5F15 V8 IO169PB5F15 V7 IO171NB5F16 W8 IO171PB5F16 W9 IO172NB5F16 AB8 IO172PB5F16 AC8 IO173NB5F16 AA11 IO173PB5F16 Y11 IO174NB5F16 AB10 IO174PB5F16 AB11 IO175NB5F16 AC9 IO175PB5F16 AE9 IO177NB5F16 AA8 IO177PB5F16 Y8 IO178NB5F16 Y6 624-Pin CCGA AX1000 Function Pin Number IO178PB5F16 W6 IO179NB5F16 Y10 IO179PB5F16 W10 IO180NB5F16 Y7 IO180PB5F16 W7 IO181NB5F17 AD9 IO181PB5F17 AD10 IO182NB5F17 AE10 IO182PB5F17 AE11 IO183NB5F17 AD7 IO183PB5F17 AD8 IO184NB5F17 AB9 IO185NB5F17 AE6 IO185PB5F17 AE7 IO186NB5F17 AE4 IO186PB5F17 AE5 IO187NB5F17 AA9 IO187PB5F17 Y9 IO188NB5F17 U8 IO189NB5F17 AD5 IO189PB5F17 AD6 IO191NB5F17 AC5 IO191PB5F17 AC6 IO192NB5F17 AB7 IO192PB5F17 AC7 Bank 6 IO193NB6F18 U6 IO193PB6F18 U5 IO194NB6F18 Y3 IO194PB6F18 AA3 IO195NB6F18 V6 IO195PB6F18 W4 IO197NB6F18 R5 IO197PB6F18 U3 IO198NB6F18 P6 IO199NB6F18 Y5 IO199PB6F18 W5 624-Pin CCGA AX1000 Function Pin Number |