전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896I 데이터시트(PDF) 82 Page - Actel Corporation

부품명 AX2000-1CSG896I
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896I 데이터시트(HTML) 82 Page - Actel Corporation

Back Button AX2000-1CSG896I Datasheet HTML 78Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 79Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 80Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 81Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 82Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 83Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 84Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 85Page - Actel Corporation AX2000-1CSG896I Datasheet HTML 86Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 226 page
background image
Axcelerator Family FPGAs
2- 68
v2.7
User Flow
There are two methods of including a PLL in a design:
•
The recommended method of using a PLL is to
create custom PLL blocks using Actel's macro
generator, SmartGen, that can be instantiated in a
design.
•
The alternative method is to instantiate one of the
generic library primitives (PLL or PLLFB) into either
a schematic or HDL netlist, using inverters for
polarity control and tying all unused address and
data bits to ground.
Timing Model
Note: tPCLK is the delay in the clock signal
Figure 2-52 • PLL Model
CLK
CLK1
Lock
CLK2
63
5
6
FB
tPCLK*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More