전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896B 데이터시트(PDF) 129 Page - Actel Corporation

부품명 AX2000-1CS896B
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B 데이터시트(HTML) 129 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 125Page - Actel Corporation AX2000-1CS896B Datasheet HTML 126Page - Actel Corporation AX2000-1CS896B Datasheet HTML 127Page - Actel Corporation AX2000-1CS896B Datasheet HTML 128Page - Actel Corporation AX2000-1CS896B Datasheet HTML 129Page - Actel Corporation AX2000-1CS896B Datasheet HTML 130Page - Actel Corporation AX2000-1CS896B Datasheet HTML 131Page - Actel Corporation AX2000-1CS896B Datasheet HTML 132Page - Actel Corporation AX2000-1CS896B Datasheet HTML 133Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-23
484-Pin FBGA
AX250 Function
Pin Number
Bank 0
IO00NB0F0
D7
IO00PB0F0
D6
IO01NB0F0
E7
IO01PB0F0
E6
IO02NB0F0
C5
IO02PB0F0
C4
IO03NB0F0
C7
IO03PB0F0
C6
IO04NB0F0
E9
IO04PB0F0
E8
IO05NB0F0
D9
IO05PB0F0
D8
IO06NB0F0
B7
IO06PB0F0
B6
IO07NB0F0
C9
IO07PB0F0
C8
IO08NB0F0
A7
IO08PB0F0
A6
IO09NB0F0
B9
IO09PB0F0
B8
IO10NB0F0
A9
IO10PB0F0
A8
IO11NB0F0
B10
IO11PB0F0
A10
IO12NB0F0/HCLKAN
E11
IO12PB0F0/HCLKAP
E10
IO13NB0F0/HCLKBN
D12
IO13PB0F0/HCLKBP
D11
Bank 1
IO14NB1F1/HCLKCN
F13
IO14PB1F1/HCLKCP
F12
IO15NB1F1/HCLKDN
E14
IO15PB1F1/HCLKDP
E13
IO16NB1F1
C13
IO16PB1F1
C12
IO17NB1F1
B14
IO17PB1F1
B13
IO18NB1F1
A14
IO18PB1F1
A13
IO19NB1F1
A16
IO19PB1F1
A15
IO20NB1F1
B16
IO20PB1F1
B15
IO21NB1F1
C17
IO21PB1F1
C16
IO22NB1F1
F15
IO22PB1F1
F14
IO23NB1F1
D16
IO23PB1F1
D15
IO24NB1F1
E16
IO24PB1F1
E15
IO25NB1F1
F18
IO25PB1F1
F17
IO26NB1F1
D18
IO26PB1F1
E17
IO27NB1F1
G16
IO27PB1F1
G15
Bank 2
IO28NB2F2
F19
IO28PB2F2
E19
IO29NB2F2
J16
IO29PB2F2
H16
IO30NB2F2
E20
IO30PB2F2
D20
IO31NB2F2
J17
IO31PB2F2
H17
IO32NB2F2
G20
IO32PB2F2
F20
IO33NB2F2
H19
IO33PB2F2
G19
IO34NB2F2
E22
IO34PB2F2
D22
IO35NB2F2
J18
IO35PB2F2
H18
IO36NB2F2
G21
484-Pin FBGA
AX250 Function
Pin Number
IO36PB2F2
F21
IO37NB2F2
K19
IO37PB2F2
J19
IO38NB2F2
J20
IO38PB2F2
H20
IO39NB2F2
L16
IO39PB2F2
K16
IO40NB2F2
J21
IO40PB2F2
H21
IO41NB2F2
L17
IO41PB2F2
K17
IO42NB2F2
J22
IO42PB2F2
H22
IO43NB2F2
L18
IO43PB2F2
K18
IO44NB2F2
L20
IO44PB2F2
K20
Bank 3
IO45NB3F3
M19
IO45PB3F3
L19
IO46NB3F3
M21
IO46PB3F3
L21
IO47NB3F3
N17
IO47PB3F3
M17
IO48NB3F3
N18
IO48PB3F3
N19
IO49NB3F3
N16
IO49PB3F3
M16
IO50NB3F3
N20
IO50PB3F3
M20
IO51NB3F3
P21
IO51PB3F3
N21
IO52NB3F3
P18
IO52PB3F3
P19
IO53NB3F3
R20
IO53PB3F3
P20
IO54NB3F3
T21
IO54PB3F3
R21
484-Pin FBGA
AX250 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More