| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896B 데이터시트(PDF) 133 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B 데이터시트(HTML) 133 Page - Actel Corporation |
|
133 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-27 VCCIB2 J15 VCCIB2 K15 VCCIB2 L15 VCCIB3 M15 VCCIB3 N15 VCCIB3 P15 VCCIB3 Y21 VCCIB3 Y22 VCCIB4 AA20 VCCIB4 AB20 VCCIB4 R12 VCCIB4 R13 VCCIB4 R14 VCCIB5 AA3 VCCIB5 AB3 VCCIB5 R10 VCCIB5 R11 VCCIB5 R9 VCCIB6 M8 VCCIB6 N8 VCCIB6 P8 VCCIB6 Y1 VCCIB6 Y2 VCCIB7 C1 VCCIB7 C2 VCCIB7 J8 VCCIB7 K8 VCCIB7 L8 VCOMPLA D10 VCOMPLB G10 VCOMPLC E12 VCOMPLD G14 VCOMPLE W13 VCOMPLF T13 VCOMPLG V11 VCOMPLH T9 VPUMP D17 484-Pin FBGA AX250 Function Pin Number 484-Pin FBGA AX500 Function Pin Number Bank 0 IO00NB0F0 E3 IO00PB0F0 D3 IO01NB0F0 E7 IO01PB0F0 E6 IO02NB0F0 C5 IO02PB0F0 C4 IO03NB0F0 D7 IO03PB0F0 D6 IO04NB0F0 B5 IO04PB0F0 B4 IO05NB0F0 C7 IO05PB0F0 C6 IO06NB0F0 A5 IO06PB0F0 A4 IO07NB0F0 A7 IO07PB0F0 A6 IO08NB0F0 B7 IO08PB0F0 B6 IO10NB0F0 B9 IO10PB0F0 B8 IO11NB0F0 E9 IO11PB0F0 E8 IO12NB0F1 D9 IO12PB0F1 D8 IO13NB0F1 C9 IO13PB0F1 C8 IO14NB0F1 A9 IO14PB0F1 A8 IO15NB0F1 B10 IO15PB0F1 A10 IO16NB0F1 B12 IO16PB0F1 B11 IO18NB0F1 C13 IO18PB0F1 C12 IO19NB0F1/HCLKAN E11 IO19PB0F1/HCLKAP E10 IO20NB0F1/HCLKBN D12 IO20PB0F1/HCLKBP D11 Bank 1 IO21NB1F2/HCLKCN F13 IO21PB1F2/HCLKCP F12 IO22NB1F2/HCLKDN E14 IO22PB1F2/HCLKDP E13 IO24NB1F2 A14 IO24PB1F2 A13 IO25NB1F2 B14 IO25PB1F2 B13 IO26NB1F2 C15 IO27NB1F2 A16 IO27PB1F2 A15 IO28NB1F2 B16 IO28PB1F2 B15 IO29NB1F2 D16 IO29PB1F2 D15 IO30NB1F2 A18 IO30PB1F2 A17 IO31NB1F2 F15 IO31PB1F2 F14 IO32NB1F3 C17 IO32PB1F3 C16 IO33NB1F3 E16 IO33PB1F3 E15 IO34NB1F3 B18 IO34PB1F3 B17 IO35NB1F3 B19 IO35PB1F3 A19 IO36NB1F3 C19 IO36PB1F3 C18 IO37NB1F3 F18 IO37PB1F3 F17 IO38NB1F3 D18 IO38PB1F3 E17 IO39NB1F3 E21 IO39PB1F3 D21 IO40NB1F3 E20 484-Pin FBGA AX500 Function Pin Number |