전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1574CS 데이터시트(PDF) 8 Page - Linear Technology

부품명 LTC1574CS
상세설명  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1574CS 데이터시트(HTML) 8 Page - Linear Technology

  LTC1574CS Datasheet HTML 1Page - Linear Technology LTC1574CS Datasheet HTML 2Page - Linear Technology LTC1574CS Datasheet HTML 3Page - Linear Technology LTC1574CS Datasheet HTML 4Page - Linear Technology LTC1574CS Datasheet HTML 5Page - Linear Technology LTC1574CS Datasheet HTML 6Page - Linear Technology LTC1574CS Datasheet HTML 7Page - Linear Technology LTC1574CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1574
LTC1574-3.3/LTC1574-5
sn1574 1574fas LT/TP 1000 2K REV A • PRINTED IN
USA
©LINEAR TECHNOLOGY CORPORATION 1995
RELATED PARTS
Low Dropout 5V Step-Down Regulator
with Low-Battery Detection
Positive to – 5V Converter
High Efficiency 3.3V Regulator
TYPICAL APPLICATIO S
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1074/LT1076
Step-Down Switching Regulator
100kHz, 5A (LT1074) or 2A (LT1076) Monolithic
LTC1147
High Efficiency Step-Down DC/DC Controller
8-Pin Controller
LTC1174
High Efficiency Step-Down and Inverting DC/DC Converter 0.5A, Burst Mode Operation, SO-8 Package, VIN to 18V
LTC1265
1.2A High Efficiency Step-Down DC/DC Regulator
Burst Mode Operation, Monolithic
LT1375/LT1376
1.5A 500kHz Step-Down Switching Regulator
High Frequency Small Inductor
LT1611
Inverting 1.4MHz Switching Regulator in SOT-23
– 5V at 150mA from 5V Input, 1mVP-P Output Ripple, SOT-23 Package
LTC1701
1MHz Step-Down DC/DC Converter in SOT-23
VIN = 2.5V to 5.5V, IQ = 135µA, VOUT = 5V to 1.25V
LTC1707
High Efficiency Synchronous Step-Down Regulator
VIN = 2.85V to 8.5V, Selectable Burst Mode Operation,
600mA Output Current, SO-8 Package
LTC1877/LTC1878
High Efficiency Synchronous Step-Down Regulator
600mA at VIN = 5V, 2.65V to 10V = VIN, IQ = 10µA
VIN
5
2, 4, 13, 15
6
11
12
7
10
3, 14
L1
100
µH†
0.1
µF
47
µF**
16V
× 2
1574 TA04
VOUT
5V
365mA
*LOW-
BATTERY
INDICATOR
4.7k
162k
47.5k
VIN
5.5V to 12.5V
GND
LTC1574-5
IPGM
LBOUT
LBIN
SHDN
VOUT
SW
47
µF**
16V
× 2
* LOW-BATTERY INDICATOR IS
SET UP TO TRIP AT VIN = 5.5V
** AVX TPSD476K016
† SELECTION
MANUFACTURER
PART NO.
TYPE
COILTRONICS
CTX100-4
SURFACE MOUNT
SUMIDA
CD75-101
SURFACE MOUNT
GOWANDA
GA10-103K
THROUGH HOLE
+
+
VIN
5
2, 4, 13, 15
6
12
11
7
10
3, 14
50
µH†
0.1
µF
22
µF*
25V
× 2
1574 TA05
VOUT
3.3V
425mA
VIN
4V TO 12.5V
GND
LTC1574-3.3
IPGM
LBIN
LBOUT
SHDN
VOUT
SW
* AVX TPSD226K025
** AVX TPSD476K016
† COILTRONICS CTX50-4
47
µF*
16V
× 2
+
+
VIN
5
2, 4, 13, 15
6
11
12
7
10
3, 14
L1†
50
µH
0.1
µF
1574 TA06
VOUT
–5V
*LOW-
BATTERY
INDICATOR
4.7k
280k
43k
VIN
4V TO 12.5V
GND
LTC1574-5
IPGM
LBOUT
LBIN
SHDN
VOUT
SW
100
µF***
10V
* LOW-BATTERY INDICATOR IS
SET TO TRIP AT VIN = 4.4V
** AVX TPSD106K035
*** AVX TPSD107K010
† SELECTION
MANUFACTURER PART NO.
TYPE
COILTRONICS
CTX50-3
SURFACE MOUNT
COILCRAFT
DT3316-473 SURFACE MOUNT
SUMIDA
CD54-470
SURFACE MOUNT
GOWANDA
GA10-472K
THROUGH HOLE
10
µF**
35V
× 2
VIN (V)
IOUT (mA)
4
110
6
140
8
170
10
200
12.5
235
+
+



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com